Part Number Hot Search : 
AZS0430L C16LF P2N60 C1297 4ACT24 PSBZ125 STK40 CXA2542
Product Description
Full Text Search
 

To Download MBRA140TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRA140TRPBF
Vishay High Power Products
Schottky Rectifier, 1.0 A
FEATURES
* Small foot print, surface mountable * Low forward voltage drop
Cathode Anode
RoHS
COMPLIANT
* High frequency operation * Guard ring for enhanced ruggedness and long term reliability * Lead (Pb)-free ("PbF" suffix) * Designed and qualified for industrial level
SMA
PRODUCT SUMMARY
IF(AV) VR IRM 1.0 A 40 V 26 mA at 125 C
DESCRIPTION
The MBRA140TRPBF surface mount Schottky rectifier has been designed for applications requiring low forward drop and very small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, freewheeling diodes, battery charging, and reverse battery protection.
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IF(AV) VRRM IFSM VF TJ tp = 5 s sine 1.0 Apk, TJ = 125 C Range CHARACTERISTICS Rectangular waveform VALUES 1.0 40 120 0.49 - 55 to 150 UNITS A V A V C
VOLTAGE RATINGS
PARAMETER Maximum DC reverse voltage Maximum working peak reverse voltage SYMBOL VR VRWM MBRA140TRPBF 40 UNITS V
ABSOLUTE MAXIMUM RATINGS
PARAMETER Maximum average forward current See fig. 4 Maximum peak one cycle non-repetitive surge current See fig. 6 Non-repetitive avalanche energy Repetitive avalanche current SYMBOL IF(AV) TEST CONDITIONS 50 % duty cycle at TL = 118 C, rectangular waveform On PC board 9 mm2 island (0.013 mm thick copper pad area) 5 s sine or 3 s rect. pulse IFSM 10 ms sine or 6 ms rect. pulse EAS IAR TJ = 25 C, IAS = 1 A, L = 6 mH Following any rated load condition and with rated VRRM applied VALUES 1.0 120 30 3.0 1.0 mJ A A UNITS
Document Number: 94301 Revision: 14-Aug-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 1
MBRA140TRPBF
Vishay High Power Products Schottky Rectifier, 1.0 A
ELECTRICAL SPECIFICATIONS
PARAMETER SYMBOL 1A 2A Maximum forward voltage drop See fig. 1 VFM (1) 1A 2A 1A 2A TJ = 25 C Maximum reverse leakage current See fig. 2 Threshold voltage Forward slope resistance Typical junction capacitance Typical series inductance Maximum voltage rate of change Note (1) Pulse width < 300 s, duty cycle < 2 % IRM (1) VF(TO) rt CT LS dV/dt VR = 10 VDC, TJ = 25 C, test signal = 1 MHz Measured lead to lead 5 mm from package body Rated VR TJ = 100 C TJ = 125 C TJ = TJ maximum VR = Rated VR TEST CONDITIONS TJ = 25 C VALUES 0.55 0.71 0.5 0.65 0.49 0.63 0.5 10 26 0.36 104 38 2.0 10 000 V m pF nH V/s mA V UNITS
TJ = 100 C TJ = 125 C
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Maximum thermal resistance, junction to lead Maximum thermal resistance, junction to ambient Approximate weight Device marking Notes
(1) (2)
SYMBOL TJ (1), TStg RthJL(2) RthJA DC operation See fig. 4
TEST CONDITIONS
VALUES - 55 to 150 35
UNITS C
C/W 80 0.07 0.002 g oz. V14
Case style SMA (similar D-64)
dP tot 1 ------------ < ------------- thermal runaway condition for a diode on its own heatsink dT J R thJA Mounted 1" square PCB, thermal probe connected to lead 2 mm from package
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94301 Revision: 14-Aug-08
MBRA140TRPBF
Schottky Rectifier, 1.0 A
Vishay High Power Products
Allowable Case Temperature (C)
10
160 150 140 130 120 110 100 90 80 70
DC
IF - Instantaneous Forward Current (A)
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75
1
TJ = 150 C TJ = 125 C TJ = 100 C TJ = 25 C
Square wave (D = 0.50) Rated VR applied See note (1) 5 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.1 0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VFM - Forward Voltage Drop (V)
Fig. 1 - Maximum Forward Voltage Drop Characteristics
IF(AV) - Average Forward Current (A)
Fig. 4 - Maximum Average Forward Current vs. Allowable Lead Temperature
1.4
100
IR - Reverse Current (mA)
TJ = 150 C TJ = 125 C TJ = 100 C
Average Power Loss (W)
10 1.0 0.1
1.2 1.0 0.8 0.6
D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS limit
TJ = 75 C
0.01 0.001 0.0001
TJ = 50 C TJ = 25 C
DC
0.4 0.2 0
0
5
10
15
20
25
30
35
40
0
0.4
0.8
1.2
1.6
2.0
2.4
VR - Reverse Voltage (V)
Fig. 2 - Typical Peak Reverse Current vs. Reverse Voltage
IF(AV) - Average Forward Current (A)
Fig. 5 - Maximum Average Forward Dissipation vs. Average Forward Current
IFSM - Non-Repetitive Surge Current (A)
100
100
CT - Junction Capacitance (pF)
TJ = 25 C
At any rated load condition and with rated VRRM applied following surge
10
10
0
5
10
15
20
25
30
35
40
10
100
1000
10 000
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
tp - Square Wave Pulse Duration (s)
Fig. 6 - Maximum Peak Surge Forward Current vs. Pulse Duration
Note (1) Formula used: T = T - (Pd + Pd C J REV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR Document Number: 94301 Revision: 14-Aug-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 3
MBRA140TRPBF
Vishay High Power Products Schottky Rectifier, 1.0 A
ORDERING INFORMATION TABLE
Device code
MBR
1 1 2 3 4 5 6 -
A
2
1
3
40
4
TR
5
PbF
6
Schottky MBR series A = SMA Current rating (1 = 1 A) Voltage rating (40 = 40 V) TR = Tape and reel (7500 pieces) PbF = Lead (Pb)-free
LINKS TO RELATED DOCUMENTS Dimensions Part marking information Packaging information http://www.vishay.com/doc?95018 http://www.vishay.com/doc?95029 http://www.vishay.com/doc?95034
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94301 Revision: 14-Aug-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MBRA140TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X